ki t3001 b rev. date: 28-jan- 11 ksd-xxxxxx-000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. description the photo interrupter high-perfo rmance standard type KIT3001B combines a high-output gaas ired with a high sensitivity photo transistor. features z pwb direct mount type. z 3.0mm gap. z snap-in mount. z with the installation positioning boss. z optical axis height from the mounting surface : 18.75mm z rohs compliant. applications z vtr. z dvd combo z cassette mecha. absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v input led pulse forward current *1 i fp 0.5 a collector power dissipation p c 75 ? collector current i c 20 ? c-e voltage v ceo 30 v output detector e-c voltage v eco 5 v operating temperature *2 topr. -25 ~ 85 storage temperature *2 tstg. -40 ~ 100 lead soldering temperature *4 tsol. 260 *1 : pulse width tw 100 ? . period t=10 ? *2 : no icebound or dew *3 : the soldering should be 1mm away from bottom of the hole within t=5sec
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it3001 b the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. electrical-optical characteristics (t a =25 ) characteristic simbol min. typ. max. unit condition forward voltage v f - 1.2 1.4 v i f =20 ? reverse current i r - - 10 ? v r =5v input peak wavelength p - 940 - ? i f =20 ? output dark current i ceo - 1 100 ? v ce =10v, l v =0lux light current i c 0.5 - 5 ? i f =20 ? , v ce =5v non shading leakage current i ceod - 0.5 10 ? i f =20 ? , v ce =5v shading c-e saturation voltage v ce (sat) - 0.15 0.4 v i f =50 ? , i c =0.05 ? rise time tr - 50 - ? transmission characteristics fall time tf - 50 - ? v ce =5v, i c =0.1 ? r l =1k ? * circuit for measuring response time out vcc in r l in out td tr tf 10 % 90% r
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it3001 b the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. package outline dimensions (unit : mm)
|